Part Number Hot Search : 
AJ40C CPC1727J WS090050 MTZJ18 HV238FG FR202G 40138 E2010
Product Description
Full Text Search
 

To Download HDC-0505S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.5 Watt
HD Series
FEATURES
s Input-Output Isolation s Compact, Single In-Line Package s Single and Dual Output s Input and Output Filters s Low Cost
SPECIFICATIONS
INPUT Voltage See Model Selection Table
Insulation Resistance Dielectric Strength
100 M
at 500 VDC
500 VDC for 1 minute
ENVIRONMENTAL OUTPUT Output Voltage Regulation Total 5V output 5% 12V output 10% Noise & Ripple, (peak-to-peak) 5V Output 12V Output Output Current Short-Circuit Protection 100 mV 120 mV See Model Selection Table Special constant-current circuit provides indefinite protection against overload or short circuit See Model Selection Table Operating Ambient Temp. Storage Temp. -10 to +70C (See Derating Chart) -30 to +80C
MODEL SPECIFICATIONS
OUTPUT MODEL AND INPUT RANGE EFFIC. 9.6-14.4VDC 19.2-28.8VDC HDC-1205S HDC-2405S 63 - 76% -- -- 68% -- HDC-2412D 80% -- --
VOLTS MILLIAMPS 4.5-5.5VDC 5 15-300 HDC-0505S 12 6-60 HDC-0512D 12 3-60 -- 15 3-50 HDC-0515D
DERATING CHART
100 HDC-1205S HDC-0512D HDC-2405S HDC-2412D HDC-0505S
HDC-05XX CHARACTERISTICS
100
OUTPUT LOAD %
66
66% 50%
66 50
%
50
10 5 0 -10
HDC-0512D 10% 0 10 20 30 40 50 60 70
10 5 0 4.5 HDC-0505S HDC-0512D 4.75 5.0 5.5
C
INPUT VOLTAGE
1
-
8
0
0
-
6
3
4
-
3
6
5
4
1.5 Watt
Size (W x D x H) Weight
HD Series
1.57 (40) 0.33 (8.5)
MECHANICAL SPECIFICATIONS
1.57 x 0.85 x 0.34" (40 x 21.5 x 8.5 mm) (single) 1.57 x 0.93 x 0.34" (40 x 23.5 x 8.5 mm) (dual) 0.4 oz (10 g)
1.57 (40) 0.33 (8.5) 123
HDC-XXYYZ
0.85 (21.5) Single Output 0.93 (23.5) Dual Output
0.85 (21.5) Single Output 0.93 (23.5) Dual Output
4567 LOT NO.
HDC-XXYYZ
0.85 (21.5) Single Output 0.93 (23.5) Dual Output
0.02 (0.5)
0.04 (1.0) 13 X 0.1 = 1.3 (13 X 2.54 = 33.02)
0.01 (0.3)
0.16 (4)
0.08 (2)
123 LOT NO.
4567
With optional formed leads available - use "-F suffix." Dimensions in inches; ( ) Dimensions in mm.
0.24 (6)
PIN DESCRIPTION
0.01 (0.3)
0.02 (0.5)
0.04 (1.0) 13 X 0.1 = 1.3 (13 X 2.54 = 33.02)
PIN # FUNCTION-D FUNCTION-S
1 OUT- NC
2 COM OUT-
3 OUT + OUT +
4, 5 IN- IN-
6, 7 IN+ IN+
APPLICATION EXAMPLES 1. Reverse Polarity Output
IN+ HDC -0505 IN- OUT- OUT+
3. Series Connection of Dual Output modules
OUT+ IN+ HDC -0512 IN- OUT- IN:
+5V
Load
+5V -5V
+5V
G
+5V OUT: +24V
OUT+
IN:
+5V OUT: -5V
OUT+ HDC -0505
IN+
+5V +12V
Load Load
IN+
+5V
+5V
IN-
HDC -0512
COM
OUT- IN:
IN-
OUT-
G
-5V
+5V OUT: +12V, +24V
IN:
-5V
OUT: +5V
s Because the current output from the OUT-terminal is the sum of the +24V and the +12V outputs, this value must not exceed the rated output current. In the HDC-0512D, this value is 60 mA.
4. Series Connection of Two or More Units 2. Series Connection of Output with Input
IN+ IN+ HDC -0505 IN- OUT- OUT+ OUT+
+24V
Load
+10V +5V
IN- HDC -0512 OUT- OUT+ IN+ G
+5V
IN:
+5V OUT: +10V
HDC -0512 IN- OUT- IN: Load
s The output current capacity is the same as the output current capacity of the converter. (For example, an HDC-0505 connected as shown above has an output rating of 10 VDC at 300 mA. s The combined output regulation is: (Output regulation of HDC-0505) + (Input Voltage Fluctuation)
--24V
+5V OUT: 24V
1
-
8
0
0
-
6
3
4
-
3
6
5
4


▲Up To Search▲   

 
Price & Availability of HDC-0505S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X